Part Number Hot Search : 
00B0L MSD61A4 58010 LT0412 0213630 C28C200 A1770 CM2135
Product Description
Full Text Search

BSC29-3925 - BSC29-3925

BSC29-3925_6459400.PDF Datasheet


 Full text search : BSC29-3925


 Related Part Number
PART Description Maker
BSC29-3925 BSC29-3925
ETC
BSC29-01B12 BSC29-01B12
ETC
N275CH04 N275CH04LOO N275CH04KOO N275CH04HOO N275C 769.3 A, 400 V, SCR, TO-200AB
5565.65 A, 400 V, SCR
1640.65 A, 600 V, SCR, TO-200AC
36.11 A, 1200 V, SCR, TO-48
2614.05 A, 1400 V, SCR
3799.4 A, 3400 V, SCR
2610.91 A, 2600 V, SCR
133.45 A, 800 V, SCR
4474.5 A, 4200 V, SCR
3925 A, 4500 V, SCR
3925 A, 4400 V, SCR
2692.55 A, 1600 V, SCR
70.65 A, 200 V, SCR, TO-65
3595.3 A, 400 V, SCR
3595.3 A, 200 V, SCR
4003.5 A, 2800 V, SCR
1428.7 A, 1800 V, SCR, TO-200AC
1428.7 A, 1600 V, SCR, TO-200AC
612.3 A, 1600 V, SCR
32.97 A, 1000 V, SCR, TO-48
98.91 A, 1000 V, SCR, TO-65
Westcode Semiconductors, Ltd.
WESTCODE SEMICONDUCTORS LTD
NJG1522KB2 NJG1522KB2-C1 NJG1522KB2-C5 NJG1522KB2- CAP .68UF 100V PEN FILM 3925 10%
SPDT SWITCH GaAs MMIC 单刀双掷开关砷化镓微波单片集成电路
http://
NJRC[New Japan Radio]
New Japan Radio Co., Ltd.
CXA2020M CXA2020S EIAJ Sound Multiplexing Decoder EIAJ声音多路复用解码
Film Capacitor; Voltage Rating:50VDC; Capacitor Dielectric Material:Polyethylene Naphthalate; Capacitance:820000pF; Capacitance Tolerance: /- 10%; Leaded Process Compatible:No; Package/Case:3925; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes
Sony, Corp.
SONY[Sony Corporation]
CXA2021 CXA2021S Film Capacitor; Voltage Rating:50VDC; Capacitor Dielectric Material:Polyethylene Naphthalate; Capacitance:820000pF; Capacitance Tolerance: /- 10%; Leaded Process Compatible:Yes; Package/Case:3925; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes
I2C BUS Sound Processor for TV
I 2 C BUS Sound Processor for TV
From old datasheet system
SONY[Sony Corporation]
 
 Related keyword From Full Text Search System
BSC29-3925 Technique BSC29-3925 gate threshold BSC29-3925 file BSC29-3925 Regulator BSC29-3925 ic中文资料网
BSC29-3925 informacion de BSC29-3925 usb charger circuit BSC29-3925 terminal BSC29-3925 Characteristic BSC29-3925 led
 

 

Price & Availability of BSC29-3925

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.092204093933105